|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ABRIDGED DATA SHEET Rev 0; 3/09 KIT ATION EVALU ILABLE AVA High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS General Description Features MIPS32 4KSd RISC Processor 130 MIPS at 96MHz 2 x 8KB Cache Memory Management Unit Dedicated Cryptographic Instructions Memories 128KB of SRAM 256KB of Lockable Flash Memory 256 Bytes of User OTP 128KB of ROM (HAL, EMV Level 1, Secure Bootloader) Memory Controller Supporting One SDRAM and Up to Four Static Memories (Flash or SRAM) Security Features Encryption Engine for External Memories Hardware AES-128 Engine Unique Serial Number (USN) 512-Bit Battery-Powered Key Area (BPK) with Instant Erase Upon Tampering Integrated Tamper Sensors (Frequency, Voltage, Temperature, Die Shield) 12 External Sensor Inputs True Random-Number Generator (TRNG) Secure RTC with Interrupt Alarm Secure Keyboard Controller (12 x 12) Interrupt Controller 1D/2D DMA LCD Interface: 8-Bit Bus, 6800 Compatible Three ISO 7816 Controllers Thermal Printer Interface USB 2.0 OTG Full Speed with 16 Endpoints Four UARTs (IrDA and Full Modem Support) I2C Master/Slave SPI Master/Slave with Up to Seven Slaves 6-Channel, 10-Bit ADC 32 GPIOs Four 16-Bit Timers/Counters Two PWMs with One 15mA Output Watchdog Timer JTAG Boundary Scan USIP PRO The USIPTM Professional IC (USIP PRO) is a secure microcontroller designed to provide an interoperable, secure, and cost-effective environment for new generations of trusted devices. This secure platform is fully compliant with EMV (R) and PCI PED standards. The USIP PRO is based upon the most secure, 32-bit, RISC core (MIPS32(R) 4KSdTM) from MIPS Technologies. While providing superior performance (1.35MIPS/MHz), this low-power core adds special instructions to accelerate cryptographic operations and security functions to enforce system integrity. Complemented by a secure memory management unit (MMU), the USIP PRO can run feature-rich operating systems such as Linux(R) in a secure way. System security is enhanced by a number of physical and logical protection mechanisms including environmental sensors (temperature, voltage, and frequency), active metal shield, real-time clock (RTC), and 512 bits of secure NVM storage (BPK) with instant erase capability upon tampering. For greater privacy, external memory content is fully protected through a patented universal cryptographic interface (UCI) that performs on the fly AES-128 encryption/decryption. The USIP PRO is one of the most integrated solutions for financial and other trusted terminals. It includes 128KB of SRAM, 128KB of ROM, 256KB of flash, and 256 bytes of OTP. Additionally, the USIP PRO accommodates external memories such as NOR flash, SRAM, and SDRAM. The device provides extensive communication support with USB On-The-Go (OTG), UART, SPITM, I2C, PS/2, IrDA, and parallel SPP. In addition, the USIP PRO offers a unique set of peripherals such as smart card controllers, LCD interface, thermal printer interface, GPIO, PWM, watchdog, general-purpose timers, and a built-in ADC. Applications EFTPOS PIN Pads ATM Keyboards Healthcare Reader Electronic Metering USIP is a trademark of Maxim Integrated Products, Inc. EMV is a registered trademark of EMVCo, LLC. MIPS32 is a registered trademark and 4KSd is a trademark of MIPS Technologies, Inc. Linux is a registered trademark of Linus Torvalds. SPI is a trademark of Motorola, Inc. Ordering Information PART IC0400C778BF+ IC0400K778BF+ TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 256 LFBGA 256 LFBGA JTAG No Yes +Denotes a lead(Pb)-free/RoHS-compliant package. ________________________________________________________________ Maxim Integrated Products 1 For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. ABRIDGED DATA SHEET High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS USIP PRO Functional Diagram LCD KEYBOARD CONTROLLER SMART CARD 0 SMART CARD 1 SMART CARD 2 THERMAL PRINTER PLL_OSC1 PLL_OSC2 PLL CLOCK GENERATION APB SPI TIMER 0 TIMER 1 TIMER 2 TIMER 3 TRNG UART 0 UART 1 UART 2 WAKE_UP POWER MANAGER INTERRUPT CONTROLLER IT_EXT RTC_CLK_OSC1 RTC_CLK_OSC2 SECURE RTC MIPS32 4KSd SECURE, 32-BIT, RISC CORE DIE SHIELD RESET AND DESTRUCT RESET TEMPERATURE SENSOR BATTERYPOWERED KEY 512 BITS MMU UART 3 256KB FLASH 128KB ROM 128KB SRAM 256-BYTE OTP I-CACHE 8KB I-CACHE 8KB INTERNAL MEMORY I2C SPP PS/2 PWM 0 PWM 1 GPIO WATCHDOG 10-BIT ADC GPIO[31:0] WDT_EXT ADC_IN[5:0] RESET ESI[11:0] AHB VBAT (+1.8V) VCORE (+1.8V) VIOS (+1.8V) VSS POWERSUPPLY MONITORING SECURITY SUBSYSTEM DMA MEMORY ENCRYPTION ENGINE FIREWALL AES-128 USB OTG VA18, VBAT18 (+1.8V) VIO, VA33 (+3.3V) VMB (+1.8V OR +3.3V) UNIVERSAL MEMORY CONTROLLER BRIDGE USIP PRO SDR_CLOCK SDR_DQML SFL_BLE_BYTE SDR_DQMH SDR_CAS SDR_CS SFL_CS[3:0] SFL_BUSY SDR_BA[1:0] DATA[15:0] SDR_RAS SDR_WE BATTERY BACKED Note to readers: This document is an abridged version of the full data sheet. To request the full data sheet, go to www.maxim-ic.com/USIP and click on Request Full Data Sheet. 2 _______________________________________________________________________________________ ADDR[24:0] SFL_OE SFL_BHE SFL_WE SFL_RESET |
Price & Availability of IC0400C778BF-USIP |